| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 582 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 582 Page - Renesas Technology Corp |
|
582 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 554 of 1270 REJ09B0466-0100 • P32/RxD0/IrRxD/SDA1 The pin function is switched as shown below according to the combination of bit ICE in ICCRA_1 of the I 2C, bit RE in SCR_0 of the SCI, and bit P32DDR. ICE 0 1 RE 0 1 P32DDR 0 1 Pin function P32 input P32 output* 1 RxD0/IrRxD input SDA1 I/O* 2 Notes: 1. NMOS open-drain output when P32ODR = 1. 2. NMOS open-drain output regardless of P32ODR. • P31/TxD1 The pin function is switched as shown below according to the combination of bit TE in SCR_1 of the SCI and bit P31DDR. TE 0 1 P31DDR 0 1 Pin function P31 input P31 output* TxD1 output* Note: * NMOS open-drain output when P31ODR = 1. • P30/TxD0/IrTxD The pin function is switched as shown below according to the combination of bit TE in SCR_0 of the SCI and bit P30DDR. TE 0 1 P30DDR 0 1 Pin function P30 input P30 output* TxD0/IrTxD output* Note: * NMOS open-drain output when P30ODR = 1. |