| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 86 Page - Renesas Technology Corp |
|
86 / 1302 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 58 of 1270 REJ09B0466-0100 2.6 Instruction Set The H8S/2600 CPU has 69 types of instructions. The instructions are classified by function in table 2.1. Table 2.1 Instruction Classification Function Instructions Size Types Data transfer MOV B/W/L 5 POP* 1, PUSH*1 W/L LDM, STM L MOVFPE* 3, MOVTPE*3 B ADD, SUB, CMP, NEG B/W/L 23 Arithmetic operations ADDX, SUBX, DAA, DAS B INC, DEC B/W/L ADDS, SUBS L MULXU, DIVXU, MULXS, DIVXS B/W EXTU, EXTS W/L TAS* 4 B MAC, LDMAC, STMAC, CLRMAC — Logic operations AND, OR, XOR, NOT B/W/L 4 Shift SHAL, SHAR, SHLL, SHLR, ROTL, ROTR, ROTXL, ROTXR B/W/L 8 Bit manipulation BSET, BCLR, BNOT, BTST, BLD, BILD, BST, BIST, BAND, BIAND, BOR, BIOR, BXOR, BIXOR B 14 Branch Bcc* 2, JMP, BSR, JSR, RTS — 5 System control TRAPA, RTE, SLEEP, LDC, STC, ANDC, ORC, XORC, NOP — 9 Block data transfer EEPMOV — 1 Total: 69 Legend: B: Byte W: Word L: Longword Notes: 1. POP.W Rn and PUSH.W Rn are identical to MOV.W @SP+, Rn and MOV.W Rn, @-SP. POP.L ERn and PUSH.L ERn are identical to MOV.L @SP+, ERn and MOV.L ERn, @-SP. 2. Bcc is the general name for conditional branch instructions. |