| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 612 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 612 Page - Renesas Technology Corp |
|
612 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 584 of 1270 REJ09B0466-0100 10.8 Port 9 Port 9 is an 8-bit input-only port that also has other functions. Port 9 has the following register. • Port 9 register (PORT9) 10.8.1 Port 9 Register (PORT9) PORT9 is an 8-bit read-only register that shows the pin states of port 9. PORT9 cannot be modified. Bit Bit Name Initial Value R/W Description 7 P97 * R 6 P96 * R 5 P95 * R 4 P99 * R 3 P93 * R 2 P92 * R 1 P91 * R 0 P90 * R The pin states are always read from this register. Bits 7, 6, and 3 to0 are reserved in the H8S/2424 Group. Note: * Determined by the states of pins P97 to P90. |