| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 106 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 106 Page - Renesas Technology Corp |
|
106 / 1302 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 78 of 1270 REJ09B0466-0100 2.9 Usage Note 2.9.1 Usage Notes on Bit-wise Operation Instructions The BSET, BCLR, BNOT, BST, and BIST instructions are used to read data in byte-wise, operate the data in bit-wise, and write the result of the bit-wise operation in bit-wise again. Therefore, special care is necessary to use these instructions for the registers and the ports that include write- only bit. The BCLR instruction can be used to clear the flags in the internal I/O registers to 0. In this time, if it is obvious that the flag has been set to 1 in the interrupt handler, there is no need to read the flag beforehand. |