Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 133 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 129Page - Renesas Technology Corp H8S/2426 Datasheet HTML 130Page - Renesas Technology Corp H8S/2426 Datasheet HTML 131Page - Renesas Technology Corp H8S/2426 Datasheet HTML 132Page - Renesas Technology Corp H8S/2426 Datasheet HTML 133Page - Renesas Technology Corp H8S/2426 Datasheet HTML 134Page - Renesas Technology Corp H8S/2426 Datasheet HTML 135Page - Renesas Technology Corp H8S/2426 Datasheet HTML 136Page - Renesas Technology Corp H8S/2426 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 105 of 1270
REJ09B0466-0100
5.2
Input/Output Pins
Table 5.1 shows the pin configuration of the interrupt controller.
Table 5.1
Pin Configuration
Name
I/O
Function
NMI
Input
Nonmaskable external interrupt
Rising or falling edge can be selected.
IRQ15-A to IRQ0-A*
IRQ15-B to IRQ0-B*
Input
Maskable external interrupts
Rising, falling, or both edges, or level sensing, can be
selected.
Note:
*
IRQ7-A to IRQ0-A and IRQ7-B to IRQ0-B in the H8S/2424 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More