Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 153 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 149Page - Renesas Technology Corp H8S/2426 Datasheet HTML 150Page - Renesas Technology Corp H8S/2426 Datasheet HTML 151Page - Renesas Technology Corp H8S/2426 Datasheet HTML 152Page - Renesas Technology Corp H8S/2426 Datasheet HTML 153Page - Renesas Technology Corp H8S/2426 Datasheet HTML 154Page - Renesas Technology Corp H8S/2426 Datasheet HTML 155Page - Renesas Technology Corp H8S/2426 Datasheet HTML 156Page - Renesas Technology Corp H8S/2426 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 125 of 1270
REJ09B0466-0100
5.5
Interrupt Exception Handling Vector Table
Table 5.2 shows interrupt exception handling sources, vector addresses, and interrupt priorities.
For default priorities, the lower the vector number, the higher the priority. When interrupt control
mode 2 is set, priorities among modules can be set by means of the IPR. Modules set at the same
priority will conform to their default priorities. Priorities within a module are fixed.
Table 5.2
Interrupt Sources, Vector Addresses, and Interrupt Priorities
Vector
Address*
1
Interrupt
Source
Origin of
Interrupt
Source
Vector
Number
Advanced
Mode
IPR
Priority
DTC
Activation
DMAC
Activation
NMI
7
H'001C
High
IRQ0
16
H'0040
IPRA14 to IPRA12
IRQ1
17
H'0044
IPRA10 to IPRA8
IRQ2
18
H'0048
IPRA6 to IPRA4
IRQ3
19
H'004C
IPRA2 to IPRA0
IRQ4
20
H'0050
IPRB14 to IPRB12
IRQ5
21
H'0054
IPRB10 to IPRB8
IRQ6
22
H'0058
IPRB6 to IPRB4
IRQ7
23
H'005C
IPRB2 to IPRB0
IRQ8*
2
24
H'0060
IPRC14 to IPRC12
IRQ9*
2
25
H'0064
IPRC10 to IPRC8
IRQ10*
2
26
H'0068
IPRC6 to IPRC4
IRQ11*
2
27
H'006C
IPRC2 to IPRC0
IRQ12*
2
28
H'0070
IPRD14 to IPRD12
IRQ13*
2
29
H'0074
IPRD10 to IPRD8
IRQ14*
2
30
H'0078
IPRD6 to IPRD4
External
pin
IRQ15*
2
31
H'007C
IPRD2 to IPRD0
DTC
SWDTEND
32
H'0080
IPRE14 to IPRE12
WDT
WOVI
33
H'0084
IPRE10 to IPRE8
Reserved for
system use
34
H'0088
IPRE6 to IPRE4
Refresh
controller
CMI
35
H'008C
IPRE2 to IPRE0
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More