Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 201 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 197Page - Renesas Technology Corp H8S/2426 Datasheet HTML 198Page - Renesas Technology Corp H8S/2426 Datasheet HTML 199Page - Renesas Technology Corp H8S/2426 Datasheet HTML 200Page - Renesas Technology Corp H8S/2426 Datasheet HTML 201Page - Renesas Technology Corp H8S/2426 Datasheet HTML 202Page - Renesas Technology Corp H8S/2426 Datasheet HTML 203Page - Renesas Technology Corp H8S/2426 Datasheet HTML 204Page - Renesas Technology Corp H8S/2426 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 173 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
2
1
0
MXC2
MXC1
MXC0
0
0
0
R/W
R/W
R/W
011: 11-bit shift
• When 8-bit access space is designated:
Row address bits A23 to A11 used for
comparison
When 16-bit access space is designated:
Row address bits A23 to A12 used for
comparison
Synchronous DRAM interface
100: 8-bit shift
• When 8-bit access space is designated:
Row address bits A23 to A8 used for
comparison
• When 16-bit access space is designated:
Row address bits A23 to A9 used for
comparison
The precharge-sel is A15 to A9 of the column
address.
101: 9-bit shift
• When 8-bit access space is designated:
Row address bits A23 to A9 used for
comparison
• When 16-bit access space is designated:
Row address bits A23 to A10 used for
comparison
The precharge-sel is A15 to A10 of the column
address.
110: 10-bit shift
• When 8-bit access space is designated:
Row address bits A23 to A10 used for
comparison
• When 16-bit access space is designated:
Row address bits A23 to A11 used for
comparison
The precharge-sel is A15 to A11 of the column
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More