| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 212 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 212 Page - Renesas Technology Corp |
|
212 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 184 of 1270 REJ09B0466-0100 Table 6.2 Bus Specifications for Each Area (Basic Bus Interface) ABWCR ASTCR WTCRA, WTCRB Bus Specifications (Basic Bus Interface) ABWn ASTn Wn2 Wn1 Wn0 Bus Width Access States Program Wait States 0 0 16 2 0 1 0 0 0 3 0 1 1 1 0 2 1 3 1 0 0 4 1 5 1 0 6 1 7 1 0 8 2 0 1 0 0 0 3 0 1 1 1 0 2 1 3 1 0 0 4 1 5 1 0 6 1 7 (n = 0 to 7) (4) Read Strobe Timing RDNCR can be used to select either of two negation timings (at the end of the read cycle or one half-state before the end of the read cycle) for the read strobe ( RD) used in the basic bus interface space. (5) Chip Select ( CS) Assertion Period Extension States Some external I/O devices require a setup time and hold time between address and CS signals and strobe signals such as RD, HWR, and LWR. CSACR can be used to insert states in which only the CS, AS, and address signals are asserted before and after a basic bus space access cycle. |