Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 223 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 219Page - Renesas Technology Corp H8S/2426 Datasheet HTML 220Page - Renesas Technology Corp H8S/2426 Datasheet HTML 221Page - Renesas Technology Corp H8S/2426 Datasheet HTML 222Page - Renesas Technology Corp H8S/2426 Datasheet HTML 223Page - Renesas Technology Corp H8S/2426 Datasheet HTML 224Page - Renesas Technology Corp H8S/2426 Datasheet HTML 225Page - Renesas Technology Corp H8S/2426 Datasheet HTML 226Page - Renesas Technology Corp H8S/2426 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 195 of 1270
REJ09B0466-0100
(4) 16-Bit, 3-State Access Space
Figures 6.15 to 6.17 show bus timings for a 16-bit, 3-state access space. When a 16-bit access
space is accessed, the upper half (D15 to D8) of the data bus is used for even addresses, and the
lower half (D7 to D0) for odd addresses. Wait states can be inserted.
Bus cycle
T1
T2
Address bus
φ
CSn
AS
RD
D15 to D8
Valid
D7 to D0
Invalid
Read
HWR
LWR
D15 to D8
Valid
D7 to D0
Write
High
T3
High impedance
Notes: 1. n = 0 to 7
2. When RDNn = 0
Figure 6.15 Bus Timing for 16-Bit, 3-State Access Space
(Even Address Byte Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More