Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 233 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 229Page - Renesas Technology Corp H8S/2426 Datasheet HTML 230Page - Renesas Technology Corp H8S/2426 Datasheet HTML 231Page - Renesas Technology Corp H8S/2426 Datasheet HTML 232Page - Renesas Technology Corp H8S/2426 Datasheet HTML 233Page - Renesas Technology Corp H8S/2426 Datasheet HTML 234Page - Renesas Technology Corp H8S/2426 Datasheet HTML 235Page - Renesas Technology Corp H8S/2426 Datasheet HTML 236Page - Renesas Technology Corp H8S/2426 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 205 of 1270
REJ09B0466-0100
(2) 8-Bit, 3-State Data Access Space
Figure 6.22 shows the bus timing for an 8-bit, 3-state data access space. When an 8-bit access
space is accessed, the upper halves (D15 to D8) of both the address bus and data bus are used.
Wait states can be inserted in the data cycle.
CSn
AH
RD
HWR
LWR
D15 to D8
D15 to D8
Tma1
Tma2
T1
T2
T3
Address cycle
Data cycle
φ
Address bus
Write
Read
Address
Address
Read
data
Write data
Notes: 1. n = 6, 7
2. When RDNn = 0
Figure 6.22 Bus Timing for 8-Bit, 3-State Data Access Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More