Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2426 Datasheet(PDF) 256 Page - Renesas Technology Corp

No. de pieza H8S/2426
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 252Page - Renesas Technology Corp H8S/2426 Datasheet HTML 253Page - Renesas Technology Corp H8S/2426 Datasheet HTML 254Page - Renesas Technology Corp H8S/2426 Datasheet HTML 255Page - Renesas Technology Corp H8S/2426 Datasheet HTML 256Page - Renesas Technology Corp H8S/2426 Datasheet HTML 257Page - Renesas Technology Corp H8S/2426 Datasheet HTML 258Page - Renesas Technology Corp H8S/2426 Datasheet HTML 259Page - Renesas Technology Corp H8S/2426 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 228 of 1270
REJ09B0466-0100
6.7.10
Byte Access Control
When DRAM with a
×16-bit configuration is connected, the 2-CAS access method is used for the
control signals needed for byte access. Figure 6.40 shows the control timing for 2-CAS access,
and figure 6.41 shows an example of 2-CAS DRAM connection.
Tp
RASn (CSn)
UCAS
LCAS
WE (HWR)
OE (RD)
Upper data bus
Lower data bus
Address bus
φ
Tr
Tc1
Tc2
Note: n = 2 to 5
Row address
Column address
Write data
High
High
High-Z
Figure 6.40 2-CAS Control Timing
(Upper Byte Write Access: RAST = 0, CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More