| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 261 Page - Renesas Technology Corp |
|
261 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 233 of 1270 REJ09B0466-0100 • RAS Up Mode To select RAS up mode, clear the RCDM bit to 0 in DRAMCR. Each time access to DRAM space is interrupted and another space is accessed, the RAS signal goes high again. Burst operation is only performed if DRAM space is continuous. Figure 6.45 shows an example of the timing in RAS up mode. Normal space read DRAM space read Tp Tr Tc1 Tc2 Tc1 Tc2 DRAM space read T1 T2 Note: n = 2 to 5 RASn (CSn) UCAS, LCAS RD OE Data bus Address bus φ Row address Column address 1 Column address 2 External address Figure 6.45 Example of Operation Timing in RAS Up Mode (RAST = 0, CAST = 0) |