| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2426 Datasheet(PDF) 312 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 Datasheet(HTML) 312 Page - Renesas Technology Corp |
|
312 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 284 of 1270 REJ09B0466-0100 In burst access in RAS down mode, the settings of bits ICIS2, ICIS1, ICIS0, and IDLC are valid and an idle cycle is inserted. However, in read access, note that the timings of DQMU and DQML differ according to the settings of the IDLC bit. The timing in this case is illustrated in figures 6.85 and 6.86. In write access, DQMU and DQML are not in accordance with the settings of the IDLC bit. The timing in this case is illustrated in figure 6.87. Tp Address bus External address Column address 1 Column address 2 External address Row address Column address Idle cycle Data bus Tr Tc1 Tcl Tc2 T3 Tc1 Continuous synchronous DRAM space read External space read Continuous synchronous DRAM space read T2 Ti T1 RAS CAS WE RD HWR, LWR CKE High High PALL ACTV READ NOP NOP READ DQMU, DQML TCl Tc2 Precharge-sel φ Row address Figure 6.85 Example of Idle Cycle Operation in RAS Down Mode (Read in Different Area) (IDLC = 0, CAS Latency 2) |