| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 349 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 349 Page - Renesas Technology Corp |
|
349 / 1302 page ![]() Section 7 DMA Controller (DMAC) Rev. 1.00 Sep. 19, 2008 Page 321 of 1270 REJ09B0466-0100 Bit Bit Name Initial Value R/W Description 3 2 1 0 DTF3 DTF2 DTF1 DTF0 0 0 0 0 R/W R/W R/W R/W Data Transfer Factor 3 to 0 These bits select the data transfer factor (activation source). The factors that can be specified differ between normal mode and block transfer mode. • Normal Mode 0000: Setting prohibited 0001: Setting prohibited 0010: Activated by DREQ pin falling edge input (detected as a low level in the first transfer after transfer is enabled) * 0011: Setting prohibited 010x: Setting prohibited 0110: Auto-request (cycle steal) 0111: Auto-request (burst) 1 ×××: Setting prohibited |