Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2424 Datasheet(PDF) 46 Page - Renesas Technology Corp

No. de pieza H8S/2424
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 42Page - Renesas Technology Corp H8S/2424 Datasheet HTML 43Page - Renesas Technology Corp H8S/2424 Datasheet HTML 44Page - Renesas Technology Corp H8S/2424 Datasheet HTML 45Page - Renesas Technology Corp H8S/2424 Datasheet HTML 46Page - Renesas Technology Corp H8S/2424 Datasheet HTML 47Page - Renesas Technology Corp H8S/2424 Datasheet HTML 48Page - Renesas Technology Corp H8S/2424 Datasheet HTML 49Page - Renesas Technology Corp H8S/2424 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1302 page
background image
Section 1 Overview
Rev. 1.00 Sep. 19, 2008 Page 18 of 1270
REJ09B0466-0100
Pin No.
Pin Name
Mode 7
144-Pin*
4
145-Pin*
5
(LGA-145 in
planning)
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Flash Memory
Programmer
Mode
72
N12
Vcc
Vcc
Vcc
Vcc
Vcc
Vcc
73
M13
D8
D8
D8
D8
PD0
I/O0
74
N13
D9
D9
D9
D9
PD1
I/O1
75
L12
D10
D10
D10
D10
PD2
I/O2
76
M12
D11
D11
D11
D11
PD3
I/O3
77
L11
D12
D12
D12
D12
PD4
I/O4
78
L13
D13
D13
D13
D13
PD5
I/O5
79
K12
D14
D14
D14
D14
PD6
I/O6
80
K11
D15
D15
D15
D15
PD7
I/O7
81
J12
P60/
IRQ8-A/
DREQ0/TMRI
0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
P60/
IRQ8-A/
DREQ0/TMRI0-A
NC
82
K13
P61/
IRQ9-A/
DREQ1/TMRI
1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
P61/
IRQ9-A/
DREQ1/TMRI1-A
NC
83
J10
P62/
IRQ10-A/
TEND0/TMCI
0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
P62/
IRQ10-A/
TEND0/TMCI0-A
NC
84
J11
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
WAIT-A/
ADTRG0-B/
SCS0-C
PF0/
ADTRG0-B/
SCS0-C
NC
85
H12
PF1/
UCAS/
DQMU*
1
/
IRQ14-A/
SSCK0-C
PF1/
UCAS/
DQMU*
1/
IRQ14-A/
SSCK0-C
PF1/
UCAS/
DQMU*
1/
IRQ14-A/
SSCK0-C
PF1/
UCAS/
DQMU*
1/
IRQ14-A/
SSCK0-C
PF1/
IRQ14-A/
SSCK0-C
NC
86
H10
PF2/
LCAS/
DQML*
1/
IRQ15-
A/SSI0-C
PF2/
LCAS/
DQML*
1/
IRQ15-A/SSI0-C
PF2/
LCAS/
DQML*
1/
IRQ15-A/SSI0-C
PF2/
LCAS/
DQML*
1/
IRQ15-A/SSI0-C
PF2/
IRQ15-A/
SSI0-C
NC
87
J13
PF3/
LWR/
SSO0-C
PF3/
LWR/
SSO0-C
PF3/
LWR/
SSO0-C
PF3/
LWR/
SSO0-C
PF3/
SSO0-C
NC
88
H11
HWR
HWR
HWR
HWR
PF4
NC
89
G12
RD
RD
RD
RD
PF5
NC
90
G10
PF6/
AS/AH
PF6/
AS/AH
PF6/
AS/AH
PF6/
AS/AH
PF6
NC
91
H13
PLLVcc
PLLVcc
PLLVcc
PLLVcc
PLLVcc
Vcc
92
G11
RES
RES
RES
RES
RES
RES
93
G13
PLLVss
PLLVss
PLLVss
PLLVss
PLLVss
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More