Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2424 Datasheet(PDF) 403 Page - Renesas Technology Corp

No. de pieza H8S/2424
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 399Page - Renesas Technology Corp H8S/2424 Datasheet HTML 400Page - Renesas Technology Corp H8S/2424 Datasheet HTML 401Page - Renesas Technology Corp H8S/2424 Datasheet HTML 402Page - Renesas Technology Corp H8S/2424 Datasheet HTML 403Page - Renesas Technology Corp H8S/2424 Datasheet HTML 404Page - Renesas Technology Corp H8S/2424 Datasheet HTML 405Page - Renesas Technology Corp H8S/2424 Datasheet HTML 406Page - Renesas Technology Corp H8S/2424 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 375 of 1270
REJ09B0466-0100
DMA read
Address bus
φ
DMA read
DMA read
DMA
dead
RD
TEND
DACK
Bus
release
Bus
release
Bus
release
Bus
release
Last transfer
cycle
Figure 7.27 Example of Single Address Mode (Word Read) Transfer
A byte or word transfer is performed for a single transfer request, and after the transfer, the bus is
released. While the bus is released, one or more bus cycles are executed by the CPU or DTC.
In the transfer end cycle (the cycle in which the transfer counter reaches 0), a one-state DMA dead
cycle is inserted after the DMA write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More