| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 604 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 604 Page - Renesas Technology Corp |
|
604 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 576 of 1270 REJ09B0466-0100 TPU channel 4 settings (2) (1) (2) (2) (1) (2) MD3 to MD0 B'0000, B'01 ×× B'0010 B'0011 IOB3 to IOB0 B'0000, B'0100, B'1 ××× B'0001 to B'0011, B'0101 to B'0111 B' ××00 Other than B' ××00 CCLR1, CCLR0 Other than B'10 B'10 Output function Output compare output PWM mode 2 output Legend: ×: Don’t care • P84/IRQ4-B/EDACK2 The pin function is switched as shown below according to the combination of bit AMS in EDMDR_2 of the EXDMAC, bit P84DDR, and bit ITS4 in ITSR of the interrupt controller. Operating mode 1, 2, 4, 7 (EXPE = 1) 7 (EXPE = 0) AMS 0 1 P84DDR 0 1 0 1 P84 input P84 output EDACK2 output P84 input P84 output Pin function IRQ4-B interrupt input* Note: * IRQ4-B input when the ITS4 bit in ITSR is 1. |