Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2424 Datasheet(PDF) 626 Page - Renesas Technology Corp

No. de pieza H8S/2424
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 626 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 622Page - Renesas Technology Corp H8S/2424 Datasheet HTML 623Page - Renesas Technology Corp H8S/2424 Datasheet HTML 624Page - Renesas Technology Corp H8S/2424 Datasheet HTML 625Page - Renesas Technology Corp H8S/2424 Datasheet HTML 626Page - Renesas Technology Corp H8S/2424 Datasheet HTML 627Page - Renesas Technology Corp H8S/2424 Datasheet HTML 628Page - Renesas Technology Corp H8S/2424 Datasheet HTML 629Page - Renesas Technology Corp H8S/2424 Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 598 of 1270
REJ09B0466-0100
Operating
mode
7
EXPE
0
1
A19E
0
1
CKE1
0
1
0
1
C/
A
0
1
0
1
CKE0
0
1
0
1
PA3DDR
0
1
0
1
0
1
Pin function
PA3
input
PA3
output
SCK4-B
output*
SCK4-B
output*
SCK4-B
input*
PA3
input
PA3
output
SCK4-B
output*
SCK4-B
output*
SCK4-B
input*
PA3
input
A19
output
Note:
*
SCK4-B input/output when the SCK4S bit in PFCR4 is 1.
• PA2/A18/RxD4-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit RE in SCR_4 of the SCI, bit A18E in PFCR1, bit RXD4S in PFCR4, and
bit PA2DDR.
Operating
mode
1, 2
4
7
EXPE
0
1
A18E
0
1
0
1
RE
0
1
0
1
0
1
PA2DDR
0
1
0
1
0
1
0
1
0
1
Pin function
A18
output
PA2
input
PA2
output
RxD4-B
input*
PA2
input
A18
output
PA2
input
PA2
output
RxD4-B
input
*
PA2
input
PA2
output
RxD4-B
input*
PA2
input
A18
output
Note:
*
RxD4-B input when the RXD4S bit in PFCR4 is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More