| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 133 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 133 Page - Renesas Technology Corp |
|
133 / 1302 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 105 of 1270 REJ09B0466-0100 5.2 Input/Output Pins Table 5.1 shows the pin configuration of the interrupt controller. Table 5.1 Pin Configuration Name I/O Function NMI Input Nonmaskable external interrupt Rising or falling edge can be selected. IRQ15-A to IRQ0-A* IRQ15-B to IRQ0-B* Input Maskable external interrupts Rising, falling, or both edges, or level sensing, can be selected. Note: * IRQ7-A to IRQ0-A and IRQ7-B to IRQ0-B in the H8S/2424 Group. |