| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 153 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 153 Page - Renesas Technology Corp |
|
153 / 1302 page ![]() Section 5 Interrupt Controller Rev. 1.00 Sep. 19, 2008 Page 125 of 1270 REJ09B0466-0100 5.5 Interrupt Exception Handling Vector Table Table 5.2 shows interrupt exception handling sources, vector addresses, and interrupt priorities. For default priorities, the lower the vector number, the higher the priority. When interrupt control mode 2 is set, priorities among modules can be set by means of the IPR. Modules set at the same priority will conform to their default priorities. Priorities within a module are fixed. Table 5.2 Interrupt Sources, Vector Addresses, and Interrupt Priorities Vector Address* 1 Interrupt Source Origin of Interrupt Source Vector Number Advanced Mode IPR Priority DTC Activation DMAC Activation NMI 7 H'001C High IRQ0 16 H'0040 IPRA14 to IPRA12 IRQ1 17 H'0044 IPRA10 to IPRA8 IRQ2 18 H'0048 IPRA6 to IPRA4 IRQ3 19 H'004C IPRA2 to IPRA0 IRQ4 20 H'0050 IPRB14 to IPRB12 IRQ5 21 H'0054 IPRB10 to IPRB8 IRQ6 22 H'0058 IPRB6 to IPRB4 IRQ7 23 H'005C IPRB2 to IPRB0 IRQ8* 2 24 H'0060 IPRC14 to IPRC12 IRQ9* 2 25 H'0064 IPRC10 to IPRC8 IRQ10* 2 26 H'0068 IPRC6 to IPRC4 IRQ11* 2 27 H'006C IPRC2 to IPRC0 IRQ12* 2 28 H'0070 IPRD14 to IPRD12 IRQ13* 2 29 H'0074 IPRD10 to IPRD8 IRQ14* 2 30 H'0078 IPRD6 to IPRD4 External pin IRQ15* 2 31 H'007C IPRD2 to IPRD0 DTC SWDTEND 32 H'0080 IPRE14 to IPRE12 WDT WOVI 33 H'0084 IPRE10 to IPRE8 Reserved for system use 34 H'0088 IPRE6 to IPRE4 Refresh controller CMI 35 H'008C IPRE2 to IPRE0 Low |