Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2424 Datasheet(PDF) 164 Page - Renesas Technology Corp

No. de pieza H8S/2424
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 160Page - Renesas Technology Corp H8S/2424 Datasheet HTML 161Page - Renesas Technology Corp H8S/2424 Datasheet HTML 162Page - Renesas Technology Corp H8S/2424 Datasheet HTML 163Page - Renesas Technology Corp H8S/2424 Datasheet HTML 164Page - Renesas Technology Corp H8S/2424 Datasheet HTML 165Page - Renesas Technology Corp H8S/2424 Datasheet HTML 166Page - Renesas Technology Corp H8S/2424 Datasheet HTML 167Page - Renesas Technology Corp H8S/2424 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 1302 page
background image
Section 5 Interrupt Controller
Rev. 1.00 Sep. 19, 2008 Page 136 of 1270
REJ09B0466-0100
Yes
Program execution status
Interrupt generated?
NMI
Level 6 interrupt?
Mask level 5
or below?
Level 7 interrupt?
Mask level 6
or below?
Save PC, CCR, and EXR
Clear T bit to 0
Update mask level
Read vector address
Branch to interrupt handling routine
Hold
pending
Level 1 interrupt?
Mask level 0?
Yes
Yes
No
Yes
Yes
Yes
No
Yes
Yes
No
No
No
No
No
No
Figure 5.4 Flowchart of Procedure Up to Interrupt Acceptance
in Interrupt Control Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More