| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 232 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 232 Page - Renesas Technology Corp |
|
232 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 204 of 1270 REJ09B0466-0100 (1) 8-Bit, 2-State Data Access Space Figure 6.21 shows the bus timing for an 8-bit, 2-state data access space. When an 8-bit access space is accessed, the upper halves (D15 to D8) of both the address bus and data bus are used. Wait states cannot be inserted in the data cycle. Address cycle Data cycle Tma1 Tma2 T1 T2 φ Address bus CSn AH RD HWR LWR D15 to D8 D15 to D8 Write Read Address Address Read data Write data Notes: 1. n = 6, 7 2. When RDNn = 0 Figure 6.21 Bus Timing for 8-Bit, 2-State Data Access Space |