| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2424 Datasheet(PDF) 249 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 249 Page - Renesas Technology Corp |
|
249 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 221 of 1270 REJ09B0466-0100 6.7.6 Column Address Output Cycle Control The column address output cycle can be changed from 2 states to 3 states by setting the CAST bit to 1 in DRAMCR. Use the setting that gives the optimum specification values ( CAS pulse width, etc.) according to the DRAM connected and the operating frequency of this LSI. Figure 6.34 shows an example of the timing when a 3-state column address output cycle is selected. Tp RASn (CSn) Read Write UCAS, LCAS WE (HWR) OE (RD) Data bus WE (HWR) OE (RD) Data bus Address bus φ Tr Tc1 Tc2 Tc3 Row address Column address High High Note: n = 2 to 5 Figure 6.34 Example of Access Timing with 3-State Column Address Output Cycle (RAST = 0) |