Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2424 Datasheet(PDF) 299 Page - Renesas Technology Corp

No. de pieza H8S/2424
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 295Page - Renesas Technology Corp H8S/2424 Datasheet HTML 296Page - Renesas Technology Corp H8S/2424 Datasheet HTML 297Page - Renesas Technology Corp H8S/2424 Datasheet HTML 298Page - Renesas Technology Corp H8S/2424 Datasheet HTML 299Page - Renesas Technology Corp H8S/2424 Datasheet HTML 300Page - Renesas Technology Corp H8S/2424 Datasheet HTML 301Page - Renesas Technology Corp H8S/2424 Datasheet HTML 302Page - Renesas Technology Corp H8S/2424 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 271 of 1270
REJ09B0466-0100
When DDS = 0 or EDDS = 0: When continuous synchronous DRAM space is accessed in
DMAC or EXDMAC single address transfer mode, full access (normal access) is always
performed. With the synchronous DRAM interface, the
DACK or EDACK output goes low from
the T
r state.
In modes other than DMAC or EXDMAC single address transfer mode, burst access can be used
when accessing continuous synchronous DRAM space.
Figure 6.73 shows the
DACK or EDACK output timing for connecting the synchronous DRAM
interface when DDS = 0 or EDDS = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More