Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HD64F7065AF Datasheet(PDF) 32 Page - Renesas Technology Corp

No. de pieza HD64F7065AF
Descripción Electrónicos  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 28Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 29Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 30Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 31Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 32Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 33Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 34Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 35Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 10 of 916
REJ09B0332-0500
1.3.2
Pin Functions
Table 1.2 summarizes the pin functions.
Table 1.2
Pin Functions
Type
Symbol
I/O
Name
Function
Power supply
Vcc
Input
Power supply
For connection to the power supply.
Connect all VCC pins to the system power
supply. The chip will not operate if there
are any open pins. Apply the same
voltage to all VCC pins.*
Vss
Input
Ground
For connection to ground. Connect all
VSS pins to the system ground. The chip
will not operate if there are any open
pins.
PVcc
Input
I/O circuit
power supply
Power supply for the I/O circuits. The
chip will not operate if there are any
open pins. Apply the same voltage to all
PVCC pins.*
PVss
Input
I/O circuit
ground
Ground for the I/O circuits. The chip will
not operate if there are any open pins.
Clock
PLLVcc
Input
PLL power
supply
On-chip PLL oscillator power supply. The
chip will not operate if there are any
open pins.
PLLVss
Input
PLL ground
On-chip PLL oscillator ground. The chip
will not operate if there are any open
pins.
PLLCAP1
Input
PLL capacitance On-chip PLL oscillator 1 external
capacitance pin.
PLLCAP2
Input
PLL capacitance On-chip PLL oscillator 2 external
capacitance pin.
EXTAL
Input
External clock
For connection to a crystal resonator. An
external clock can also be input to the
EXTAL pin.
XTAL
Output
Crystal
For connection to a crystal resonator
CKIO
I/O
System clock I/O Used as external clock input or internal
clock output pin.
CK
Output
System clock
output
Internal clock output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More