| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3819 Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3819 Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 218 page ![]() 3819 Group USER’S MANUAL v Table of contents Fig. 43 Timing of noise filter circuit ..................................................................................................... 45 Fig. 44 Example of reset circuit ........................................................................................................... 46 Fig. 45 Reset sequence ........................................................................................................................ 46 Fig. 46 Internal state at reset ............................................................................................................... 47 Fig. 47 Ceramic resonator external circuit ......................................................................................... 48 Fig. 48 External clock input circuit ...................................................................................................... 48 Fig. 49 Clock generating circuit block diagram ................................................................................. 49 Fig. 50 State transition of system clock ............................................................................................. 50 Fig. 51 Programming and testing of One Time PROM version ...................................................... 52 Fig. 52 Zero cross detection input characteristics ............................................................................ 57 Fig. 53 Circuit for measuring output switching characteristics ........................................................ 58 Fig. 54 Power source current characteristic example ....................................................................... 60 Fig. 55 Power source current characteristic example (in wait mode) ............................................ 60 Fig. 56 Standard characteristic example of High-breakdown-voltage P-channel open-drain output port .................. 61 Fig. 57 Standard characteristic example of CMOS output port at P-channel drive ..................... 61 Fig. 58 Standard characteristic example of CMOS output port at N-channel drive ..................... 62 Fig. 59 A-D conversion standard characteristics ............................................................................... 63 Fig. 60 D-A conversion standard characteristics ............................................................................... 64 Fig. 61 Timing chart after an interrupt occurs ................................................................................... 66 Fig. 62 Time up to execution of the interrupt processing routine .................................................. 66 Fig. 63 A-D conversion equivalent circuit ........................................................................................... 68 Fig. 64 A-D conversion timing chart .................................................................................................... 68 CHAPTER 2. APPLICATION Fig. 2.1.1 Structure of Port Pi (i = 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, A, B) ............................................ 70 Fig. 2.1.2 Structure of Port P2 direction register .............................................................................. 70 Fig. 2.1.3 Structure of Port Pi direction register (i = 4, 5, 6, 7, 8, A, B) ..................................... 71 Fig. 2.2.1 Structure of Timer i (i = 1, 3, 4, 5, 6) .............................................................................. 72 Fig. 2.2.2 Structure of Timer 2 ............................................................................................................. 72 Fig. 2.2.3 Structure of Timer 6 PWM register ................................................................................... 73 Fig. 2.2.4 Structure of Timer 12 mode register ................................................................................. 73 Fig. 2.2.5 Structure of Timer 34 mode register ................................................................................. 74 Fig. 2.2.6 Structure of Timer 56 mode register ................................................................................. 74 Fig. 2.2.7 Structure of Interrupt request register 1 ........................................................................... 75 Fig. 2.2.8 Structure of Interrupt request register 2 ........................................................................... 75 Fig. 2.2.9 Structure of Interrupt control register 1 ............................................................................ 76 Fig. 2.2.10 Structure of Interrupt control register 2 .......................................................................... 76 Fig. 2.2.11 Connection of timers and setting of division ratios [Clock function] .......................... 78 Fig. 2.2.12 Setting of related registers (1) [Clock function] ............................................................. 78 Fig. 2.2.13 Setting of related registers (2) [Clock function] ............................................................. 79 Fig. 2.2.14 Control procedure [Clock function] .................................................................................. 80 Fig. 2.2.15 Example of a peripheral circuit ........................................................................................ 81 Fig. 2.2.16 Connection of the timer and setting of the division ratio [Piezoelectric buzzer output] .... 81 Fig. 2.2.17 Setting of related registers [Piezoelectric buzzer output] ............................................. 82 Fig. 2.2.18 Control procedure [Piezoelectric buzzer output] ............................................................ 82 Fig. 2.2.19 A method for judging if Video synchronization signal exists ....................................... 83 Fig. 2.2.20 Setting of related registers [Measurement of frequency] ............................................. 84 Fig. 2.2.21 Control procedure [Measurement of frequency] ............................................................. 85 Fig. 2.3.1 Structure of Serial I/O automatic transfer data pointer .................................................. 86 Fig. 2.3.2 Structure of Serial I/O 1 control register .......................................................................... 86 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |