| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M38K07MB Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K07MB Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 32 of 112 38K0 Group REJ09B0337-0200 HARDWARE USB Register List The USB register list is shown below. 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 0FEC16 0FED16 USB control register USB function enable register USB function address register Frame number register Low Frame number register High USB interrupt source enable register USB interrupt source register Endpoint index register Endpoint field register 1 Endpoint field register 2 Endpoint field register 3 Endpoint field register 4 Endpoint field register 5 Endpoint field register 6 Endpoint field register 7 Endpoint field register 8 Endpoint field register 9 USBCON USBAE USBA0 FNUML FNUMH USBICON USBIREQ USBINDEX EPXXREG1 EPXXREG2 EPXXREG3 EPXXREG4 EPXXREG5 EPXXREG6 EPXXREG7 EPXXREG8 EPXXREG9 USBE UCLKCON USBDIFE VREFE VREFCON TRONE TRONCON WKUP SYMBOL Address Register Name bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 AD0E USBADD0[6:0] FNUM[7:0] FNUM[10:8] RSME SUSE EP03E EP02E EP01E EP00E RSM SUS EP03 EP02 EP01 EP00 001916 001A16 001B16 001C16 001D16 001E16 001F16 0FEC16 0FED16 (1) Endpoint 00 (2) Endpoint 01 (3) Endpoint 02 (4) Endpoint 03 EP00STG EP00CON1 EP00CON2 EP00CON3 EP00REQ EP00BYT EP00BUF SETUP00 EP00 stage register EP00 control register 1 EP00 control register 2 EP00 control register 3 EP00 interrupt source register EP00 byte number register EP00 buffer area set register BVAL00 CTENDE00 ERR00 BSRDY00 CTSTS00 CTEND00 BRDY00 BBYT00[3:0] 001916 001A16 001B16 001C16 001D16 001E16 001F16 0FEC16 0FED16 EP01 set register EP01 control register 1 EP01 control register 2 EP01 control register 3 EP01 interrupt source register EP01 byte number register 0 EP01 byte number register 1 EP01 MAX. packet size register EP01 buffer area set register EP01CFG EP01CON1 EP01CON2 EP01CON3 EP01REQ EP01BYT0 EP01BYT1 EP01MAX EP01BUF TYP01[1:0] DIR01 ITMD01 SQCL01 DBLB01 BSIZ01[1:0] B0VAL01 B1VAL01 ERR01 B1RDY01 B0RDY01 B0BYT01[6:0] B1BYT01[6:0] MXPS01[6:0] 001916 001A16 001B16 001C16 001D16 001E16 001F16 0FEC16 0FED16 EP02CFG EP02CON1 EP02CON2 EP02CON3 EP02REQ EP02BYT0 EP02BYT1 EP02MAX EP02BUF TYP02[1:0] DIR02 ITMD02 SQCL02 DBLB02 BSIZ02[1:0] B0VAL02 B1VAL02 ERR02 B1RDY02 B0RDY02 B0BYT02[6:0] B1BYT02[6:0] MXPS02[6:0] 001916 001A16 001B16 001C16 001D16 001E16 001F16 0FEC16 0FED16 EP03 set register EP03 control register 1 EP03 control register 2 EP03 control register 3 EP03 interrupt source register EP03 byte number register 0 EP03 byte number register 1 EP03 MAX. packet size register EP03 buffer area set register EP02 set register EP02 control register 1 EP02 control register 2 EP02 control register 3 EP02 interrupt source register EP02 byte number register 0 EP02 byte number register 1 EP02 MAX. packet size register EP02 buffer area set register EP03CFG EP03CON1 EP03CON2 EP03CON3 EP03REQ EP03BYT0 EP03BYT1 EP03MAX EP03BUF TYP03[1:0] DIR03 ITMD03 SQCL03 DBLB03 BSIZ03[1:0] B0VAL03 B1VAL03 ERR03 B1RDY03 B0RDY03 B0BYT03[6:0] B1BYT03[6:0] MXPS03[6:0] : Not used USB SFR PID00[1:0] BADD02[4:0] BADD01[4:0] PID01[1:0] PID02[1:0] BADD03[4:0] PID03[1:0] EPIDX[1:0] BADD00[4:0] Fig. 30 USB related registers |