| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
7220 Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Datasheet(HTML) 5 Page - Renesas Technology Corp |
|
5 / 303 page ![]() i BEFORE USING THIS MANUAL This user’s manual consists of the following chapters. Refer to the chapter appropriate to your conditions, such as hardware design or software development. The M37221M6-XXXSP/FP is used as a general example in describing the functions of the 7220 group, unless other wise noted. 1. Organization q CHAPTER 1 HARDWARE This chapter describes features of the microcomputer, pin configuration, pin description, functional block diagram. q CHAPTER 2 FUNCTIONAL DESCRIPTION This chapter describes operation of each peripheral function. q CHAPTER 3 ELECTRIC CHARACTERISTICS This chapter describes electric characteristics and standard characteristics. q CHAPTER 4 M37220M3-XXXSP/FP This chapter describes differences between the M37220M3-XXXSP/FP and M37221M6-XXXSP/FP. q CHAPTER 5 APPLICATION This chapter describes usage and application examples of peripheral functions, based mainly on setting examples of related registers. q CHAPTER 6 APPENDIX This chapter includes precautions for systems development using the microcomputer, a list of control registers, the mask ROM confirmation forms (mask ROM version) and mark specification forms which are to be submitted when ordering. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |