Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M37540RSS Datasheet(PDF) 39 Page - Renesas Technology Corp

No. de pieza M37540RSS
Descripción Electrónicos  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37540RSS Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M37540RSS Datasheet HTML 35Page - Renesas Technology Corp M37540RSS Datasheet HTML 36Page - Renesas Technology Corp M37540RSS Datasheet HTML 37Page - Renesas Technology Corp M37540RSS Datasheet HTML 38Page - Renesas Technology Corp M37540RSS Datasheet HTML 39Page - Renesas Technology Corp M37540RSS Datasheet HTML 40Page - Renesas Technology Corp M37540RSS Datasheet HTML 41Page - Renesas Technology Corp M37540RSS Datasheet HTML 42Page - Renesas Technology Corp M37540RSS Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 366 page
background image
1-20
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
HARDWARE
7540 Group
FUNCTIONAL DESCRIPTION
Fig. 18 Block diagram of ports (2)
Pull-up control
INT interrupt input
P3 input level
selection bit
(11) Ports P30–P35
Pull-up control
(9) Port P14
Data bus
Serial I/O1 ready output
Serial I/O2 output
Serial I/O2 input
SDATA2 pin selection bit
Port latch
Direction
register
SDATA2 output in operation signal
CNTR0 interrupt input
Pulse output mode
Timer output
P10, P12, P13
input level
selection bit
Serial I/O mode selection bit
Serial I/O1 enable bit
SRDY1 output enable bit
P10, P12, P13, P36, and P37 input level are switched to the CMOS/TTL level by the port P1P3 control register.
Data bus
Port
latch
Direction
register
Data bus
Port
latch
Direction
register
Data bus
Port latch
Direction
register
A/D converter input
Analog input pin
selection bit
(12) Ports P36, P37
Data bus
Port
latch
Direction
register
*
*
(10) Ports P20–P27
*
(8) Port P13
When the TTL level is selected, there is no hysteresis characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com