Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 88 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 84Page - Renesas Technology Corp H8S/2111B Datasheet HTML 85Page - Renesas Technology Corp H8S/2111B Datasheet HTML 86Page - Renesas Technology Corp H8S/2111B Datasheet HTML 87Page - Renesas Technology Corp H8S/2111B Datasheet HTML 88Page - Renesas Technology Corp H8S/2111B Datasheet HTML 89Page - Renesas Technology Corp H8S/2111B Datasheet HTML 90Page - Renesas Technology Corp H8S/2111B Datasheet HTML 91Page - Renesas Technology Corp H8S/2111B Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 582 page
background image
Rev. 1.00, 05/04, page 54 of 544
Bit
Bit Name
Initial
Value
R/W
Description
1
HIE
0
R/W
Host Interface Enable
Controls CPU access to the keyboard matrix interrupt,
input pull-up MOS control registers (KMIMR, KMPCR,
and KMIMRA), and the 8-bit timer (TMR_X and
TMR_Y) registers (TCR_X/TCR_Y, TCSR_X/TCSR_Y,
TICRR/TCORA_Y, TICRF/TCORB_Y,
TCNT_X/TCNT_Y, TCORC/TISR, TCORA_X, and
TCORB_X, TCONRI, and TCONRS).
0: In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC
to H'(FF)FFFF, CPU access to 8-bit timer (TMR_X
and TMR_Y) is permitted.
1: In areas H'(FF)FFF0 to H'(FF)FFF7 and H'(FF)FFFC
to H'(FF)FFFF, CPU access to keyboard matrix
interrupt and input pull-up MOS control registers is
permitted.
0
RAME
1
R/W
RAM Enable
Enables or disables on-chip RAM. The RAME bit is
initialized when the reset state is released.
0: On-chip RAM is disabled
1: On-chip RAM is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More