| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 142 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 142 Page - Renesas Technology Corp |
|
142 / 582 page ![]() Rev. 1.00, 05/04, page 108 of 544 7.4.3 Pin Functions • P47 The pin function is switched as shown below according to the combination of the P47DDR bit. P47DDR 0 1 Pin Function P47 input pin P47 output pin • P46 The pin function is switched as shown below according to the combination of the P46DDR bit. P46DDR 0 1 Pin Function P46 input pin P46 output pin • P45/TMRI1 The pin function is switched as shown below according to the combination of the P45DDR bit. P45DDR 0 1 P45 input pin P45 output pin Pin Function TMRI1 input pin Note: * When bits CCLR1 and CCLR0 in TCR1 of TMR_1 are set to 1, this pin is used as the TMRI1 input pin. • P44/TMO1 The pin function is switched as shown below according to the combination of the OS3 to OS0 bits in TCSR of TMR_1 and the P44DDR bit. OS3 to OS0 All 0 Not all 0 P44DDR 0 1 — Pin Function P44 input pin P44 output pin TMO1 output pin |