Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 172 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 168Page - Renesas Technology Corp H8S/2111B Datasheet HTML 169Page - Renesas Technology Corp H8S/2111B Datasheet HTML 170Page - Renesas Technology Corp H8S/2111B Datasheet HTML 171Page - Renesas Technology Corp H8S/2111B Datasheet HTML 172Page - Renesas Technology Corp H8S/2111B Datasheet HTML 173Page - Renesas Technology Corp H8S/2111B Datasheet HTML 174Page - Renesas Technology Corp H8S/2111B Datasheet HTML 175Page - Renesas Technology Corp H8S/2111B Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 582 page
background image
Rev. 1.00, 05/04, page 138 of 544
7.13.3
Port E and Port F Input Data Registers (PEPIN, PFPIN)
Reading PEPIN and PFPIN always returns the pin states.
Bit
Bit Name
Initial
Value
R/W
Description
7
PE7PIN
Undefined* R
6
PE6PIN
Undefined* R
5
PE5PIN
Undefined* R
4
PE4PIN
Undefined* R
3
PE3PIN
Undefined* R
2
PE2PIN
Undefined* R
1
PE1PIN
Undefined* R
0
PE0PIN
Undefined* R
PEPIN indicates the port E state. PEPIN has the same
address as PEDDR. If a write is performed, the port E
settings will change.
Note:
*
The initial value is determined according to the PE7 to PE0 pin states.
Bit
Bit Name
Initial
Value
R/W
Description
7
PF7PIN
Undefined* R
6
PF6PIN
Undefined* R
5
PF5PIN
Undefined* R
4
PF4PIN
Undefined* R
3
PF3PIN
Undefined* R
2
PF2PIN
Undefined* R
1
PF1PIN
Undefined* R
0
PF0PIN
Undefined* R
PFPIN indicates the port F state. PFPIN has the same
address as PFDDR. If a write is performed, the port F
settings will change.
Note:
*
The initial value is determined according to the PF7 to PF0 pin states.
7.13.4
Pin Functions
• PF7/TMOY
The pin function is switched as shown below according to the combination of the IOSY bit* in
TCRXY of TMT_Y, the OS3 to OS0 bits in TCSR_Y, and the PF7DDR bit.
IOSY*
0
1
OS3 to OS0
—
All 0
Not all 0
PF7DDR
0
1
0
1
—
Pin Function
PF7
input pin
PF7
output pin
PF7
input pin
PF7
output pin
TMOY
output pin*
Notes: *
The program development tool (emulator) does not support this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com