Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 226 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 226 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 222Page - Renesas Technology Corp H8S/2111B Datasheet HTML 223Page - Renesas Technology Corp H8S/2111B Datasheet HTML 224Page - Renesas Technology Corp H8S/2111B Datasheet HTML 225Page - Renesas Technology Corp H8S/2111B Datasheet HTML 226Page - Renesas Technology Corp H8S/2111B Datasheet HTML 227Page - Renesas Technology Corp H8S/2111B Datasheet HTML 228Page - Renesas Technology Corp H8S/2111B Datasheet HTML 229Page - Renesas Technology Corp H8S/2111B Datasheet HTML 230Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 582 page
background image
Rev. 1.00, 05/04, page 192 of 544
10.3.4
Timer Control Register (TCR)
TCR selects the TCNT clock source and the condition by which TCNT is cleared, and
enables/disables interrupt requests.
TCR_Y can be accessed when the HIE bit in SYSCR is 0 and the TMRX/Y bit in TCONRS is 1.
TCR_X can be accessed when the HIE bit in SYSCR is 0 and the TMRX/Y bit in TCONRS is 0.
Bit
Bit Name
Initial
Value
R/W
Description
7
CMIEB
0
R/W
Compare-Match Interrupt Enable B
Selects whether the CMFB interrupt request (CMIB) is
enabled or disabled when the CMFB flag in TCSR is set
to 1. For TMR_X, a CMIB interrupt does not occur
irrespective of the value of this bit.
0: CMFB interrupt request (CMIB) is disabled
1: CMFB interrupt request (CMIB) is enabled
6
CMIEA
0
R/W
Compare-Match Interrupt Enable A
Selects whether the CMFA interrupt request (CMIA) is
enabled or disabled when the CMFA flag in TCSR is set
to 1. For TMR_X, a CMIA interrupt does not occur
irrespective of the value of this bit.
0: CMFA interrupt request (CMIA) is disabled
1: CMFA interrupt request (CMIA) is enabled
5
OVIE
0
R/W
Timer Overflow Interrupt Enable
Selects whether the OVF interrupt request (OVI) is
enabled or disabled when the OVF flag in TCSR is set
to 1. For TMR_X, an OVI interrupt does not occur
irrespective of the value of this bit.
0: OVF interrupt request (OVI) is disabled
1: OVF interrupt request (OVI) is enabled
4
3
CCLR1
CCLR0
0
0
R/W
R/W
Counter Clear 1, 0
These bits select the method by which the timer counter
is cleared.
00: Clearing is disabled
01: Cleared on compare-match A
10: Cleared on compare-match B
11: Cleared on rising edge of external reset input
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
These bits select the clock input to TCNT and count
condition, together with the ICKS1 and ICKS0 bits in
STCR. For details, see table 10.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com