Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2111B Datasheet(PDF) 241 Page - Renesas Technology Corp

No. de pieza H8S/2111B
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  582 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2111B Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button H8S/2111B Datasheet HTML 237Page - Renesas Technology Corp H8S/2111B Datasheet HTML 238Page - Renesas Technology Corp H8S/2111B Datasheet HTML 239Page - Renesas Technology Corp H8S/2111B Datasheet HTML 240Page - Renesas Technology Corp H8S/2111B Datasheet HTML 241Page - Renesas Technology Corp H8S/2111B Datasheet HTML 242Page - Renesas Technology Corp H8S/2111B Datasheet HTML 243Page - Renesas Technology Corp H8S/2111B Datasheet HTML 244Page - Renesas Technology Corp H8S/2111B Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 582 page
background image
Rev. 1.00, 05/04, page 207 of 544
10.5
Operation Timing
10.5.1
TCNT Count Timing
Figure 10.5 shows the TCNT count timing with an internal clock source. Figure 10.6 shows the
TCNT count timing with an external clock source. The pulse width of the external clock signal
must be at least 1.5 system clocks (
φ) for a single edge and at least 2.5 system clocks (φ) for both
edges. The counter will not increment correctly if the pulse width is less than these values.
φ
Internal clock
TCNT input
clock
TCNT
N – 1
N
N + 1
Figure 10.5 Count Timing for Internal Clock Input
φ
External clock
input pin
TCNT input
clock
TCNT
N – 1
N
N + 1
Figure 10.6 Count Timing for External Clock Input (Both Edges)
10.5.2
Timing of CMFA and CMFB Setting at Compare-Match
The CMFA and CMFB flags in TCSR are set to 1 by a compare-match signal generated when the
TCNT and TCOR values match. The compare-match signal is generated at the last state in which
the match is true, just when the timer counter is updated. Therefore, when TCNT and TCOR
match, the compare-match signal is not generated until the next TCNT input clock. Figure 10.7
shows the timing of CMF flag setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com