| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2111B Datasheet(PDF) 300 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2111B Datasheet(HTML) 300 Page - Renesas Technology Corp |
|
300 / 582 page ![]() Rev. 1.00, 05/04, page 266 of 544 12.6.3 Serial Data Transmission (Clocked Synchronous Mode) Figure 12.16 shows an example of SCI operation for transmission in clocked synchronous mode. In serial transmission, the SCI operates as described below. 1. The SCI monitors the TDRE flag in SSR, and if it is 0, recognizes that data has been written to TDR, and transfers the data from TDR to TSR. 2. After transferring data from TDR to TSR, the SCI sets the TDRE flag to 1 and starts transmission. If the TIE bit in SCR is set to 1 at this time, a TXI interrupt request is generated. Because the TXI interrupt routine writes the next transmit data to TDR before transmission of the current transmit data has finished, continuous transmission can be enabled. 3. 8-bit data is sent from the TxD pin synchronized with the output clock when output clock mode has been specified and synchronized with the input clock when use of an external clock has been specified. 4. The SCI checks the TDRE flag at the timing for sending the last bit. 5. If the TDRE flag is cleared to 0, data is transferred from TDR to TSR, and serial transmission of the next frame is started. 6. If the TDRE flag is set to 1, the TEND flag in SSR is set to 1, and the TxD pin maintains the output state of the last bit. If the TEIE bit in SCR is set to 1 at this time, a TEI interrupt request is generated. The SCK pin is fixed high. Figure 12.17 shows a sample flow chart for serial data transmission. Even if the TDRE flag is cleared to 0, transmission will not start while a receive error flag (ORER, FER, or PER) is set to 1. Make sure to clear the receive error flags to 0 before starting transmission. Note that clearing the RE bit to 0 does not clear the receive error flags. Transfer direction Bit 0 Serial data Synchronization clock 1 frame TDRE TEND Data written to TDR and TDRE flag cleared to 0 in TXI interrupt handling routine TXI interrupt request generated Bit 1 Bit 7 Bit 0 Bit 1 Bit 6 Bit 7 TXI interrupt request generated TEI interrupt request generated Figure 12.16 Example of SCI Transmit Operation in Clocked Synchronous Mode |