Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SN74ACT374DBRG4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SN74ACT374DBRG4
Descripción Electrónicos  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT374DBRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT374DBRG4 Datasheet HTML 5Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 6Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 7Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 8Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 9Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 10Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 11Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 12Page - Texas Instruments SN74ACT374DBRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74ACT374DBR
SSOP
DB
20
2000
346.0
346.0
33.0
SN74ACT374DWR
SOIC
DW
20
2000
346.0
346.0
41.0
SN74ACT374NSR
SO
NS
20
2000
346.0
346.0
41.0
SN74ACT374PWR
TSSOP
PW
20
2000
346.0
346.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Aug-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18