Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SIHFBC40AS Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SIHFBC40AS
Descripción Electrónicos  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHFBC40AS Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHFBC40AS Datasheet HTML 1Page - Vishay Siliconix SIHFBC40AS Datasheet HTML 2Page - Vishay Siliconix SIHFBC40AS Datasheet HTML 3Page - Vishay Siliconix SIHFBC40AS Datasheet HTML 4Page - Vishay Siliconix SIHFBC40AS Datasheet HTML 5Page - Vishay Siliconix SIHFBC40AS Datasheet HTML 6Page - Vishay Siliconix SIHFBC40AS Datasheet HTML 7Page - Vishay Siliconix SIHFBC40AS Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91113
2
S-Pending-Rev. A, 23-Jun-08
IRFBC40AS, SiHFBC40AS
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
c. COSS eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising fom 0 to 80 % VDS.
d. Uses IRHFBC40A/SiHFBC40A data and test conditions.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-40
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-1.0
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
600
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mAd
-0.66
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
25
µA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 3.7 Ab
--
1.2
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 3.7 A
3.4
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1036
-
pF
Output Capacitance
Coss
-
136
-
Reverse Transfer Capacitance
Crss
-7.0
-
Output Capacitance
Coss
VGS = 0 V
VDS = 1.0 V, f = 1.0 MHz
-
1487
-
VDS = 480 V, f = 1.0 MHz
-
36
-
Output Capacitance Effective
Coss eff.
VDS = 0 V to 480 Vc
-48
-
Total Gate Charge
Qg
VGS = 10 V
ID = 6.2 A, VDS = 480 V,
see fig. 6 and 13b
--
42
nC
Gate-Source Charge
Qgs
--
10
Gate-Drain Charge
Qgd
--
20
Turn-On Delay Time
td(on)
VDD = 300 V, ID = 6.2 A,
RG = 9.1 Ω, RD = 47 Ω,
see fig. 10b
-13
-
ns
Rise Time
tr
-23
-
Turn-Off Delay Time
td(off)
-31
-
Fall Time
tf
-18
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
6.2
A
Pulsed Diode Forward Currenta
ISM
--
25
Body Diode Voltage
VSD
TJ = 25 °C, IS = 6.2 A, VGS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 6.2 A, dI/dt = 100 A/µsb
-
431
647
ns
Body Diode Reverse Recovery Charge
Qrr
-1.8
2.8
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com