| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P10LXCSI502KB4 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
P10LXCSI502KB4 Datasheet(HTML) 4 Page - Vishay Siliconix |
|
4 / 5 page ![]() www.vishay.com For technical questions, contact: sfer@vishay.com Document Number: 51057 4 Revision: 10-Dec-07 P10L Vishay Sfernice Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed PERFORMANCES TESTS CONDITIONS TYPICAL VALUES AND DRIFTS ΔR T/RT (%) ΔR 1-2/R1-2 (%) OTHER Climatic Sequence Phase A dry heat 100 °C Phase B damp heat Phase C cold - 40 °C Phase D damp heat 5 cycles ± 1 % ± 2 % - Long Term Damp Heat 56 days 40 °C 93 % HR ± 1 % ± 2 % Insulation resistance > 104 M Ω Rotational Life 500 000 cycles at rated power Turn angle: ± 50° 33 cycles per min Temperature: 20 °C ± 20 % - Contact resistance variation max. 35 % Independent linearity ± 20 % Load Life 1000 h at rated power 90'/30' Ambient temperature 70 °C ± 20 % ± 20 % Contact resistance variation max. 30 % Rapid Temperature Change 5 cycles - 40 °C at 100 °C ± 1 % < ± 2 % - Shock 50 g at 11 ms 3 successive shocks in 3 directions ± 0.5 % ± 1 % - Vibration 10 - 55 Hz 0.75 mm or 10 g in 3 directions ± 0.5 % < ± 1 % - SAP ORDERING INFORMATION (Part Number 18 digits) MODEL STYLE SHAFT RESISTANCE CODE TOLERANCE CODE PACKAGING CODE SPECIAL NUMBER P10L XC XX YE YM YP AG = Ø 3 - 16 mm Al = Ø 3 - 20 mm 102 = 1 k Ω 502 = 5 k Ω 103 = 10 k Ω 503 = 50 k Ω M = 20 % On request K = 10 % B4 = Box 100 pieces (if applicable) Given by VISHAY for custom design PART NUMBER DESCRIPTION (for information only) P10L XX AG 1K 20 % BO100 e3 MODEL STYLE SHAFT VALUE TOLERANCE SPECIAL PACKAGING LEAD (Pb)-FREE XX A G 1 0 2 B 0 P L 1 M4 |