| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL082AMP Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TL082AMP Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 11 page ![]() TL082 - TL082A - TL082B 11/11 Inform ation furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences of use of such inform ation nor for any infring ement of patents or other righ ts of third parties which may result from its use. No license is granted by implication or oth erwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publica tion are subject to change witho ut notice. This publ ication supersedes and replaces all inform ation previously supplied. STMicroelectronics products are not authorized for use as critical components in life suppo rt devices or systems withou t express written approval of STMicroelectronics. © The ST logo is a registered trademark of STMicroelectronics © 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Swit zerland - United Kingdom - United States © http://www. st.com PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE Dim. Millim eters Inches Min. Typ. Max. Min. Typ. Max. A 1.20 0.05 A1 0.05 0.15 0.01 0.006 A2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.15 c 0.09 0.20 0.003 0.012 D 2.90 3.00 3.10 0.114 0.118 0.122 E 6.40 0.252 E1 4.30 4.40 4.50 0.169 0.173 0.177 e 0.65 0.025 k0 ° 8 ° 0 ° 8 ° l 0.50 0.60 0.75 0.09 0.0236 0.030 L 0.45 0.600 0.75 0.018 0.024 0.030 L1 1.000 0.039 c 0.25mm .010 inch GAGE PLANE E1 k L L1 E A A2 D A1 b 5 8 4 1 PIN 1 IDENTIFICATION e |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |