Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD9992BBCZ Datasheet(PDF) 48 Page - Analog Devices

No. de pieza AD9992BBCZ
Descripción Electrónicos  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9992BBCZ Datasheet HTML 44Page - Analog Devices AD9992BBCZ Datasheet HTML 45Page - Analog Devices AD9992BBCZ Datasheet HTML 46Page - Analog Devices AD9992BBCZ Datasheet HTML 47Page - Analog Devices AD9992BBCZ Datasheet HTML 48Page - Analog Devices AD9992BBCZ Datasheet HTML 49Page - Analog Devices AD9992BBCZ Datasheet HTML 50Page - Analog Devices AD9992BBCZ Datasheet HTML 51Page - Analog Devices AD9992BBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
AD9992
Rev. C | Page 48 of 92
Read After Exposure
To read the CCD data after exposure, the SG should resume
normal activity while the SUBCK remains null. By default,
the AD9992 generates the VSG pulses in every field. When only
a single exposure and a single frame read are desired, such as is
the case in the preview mode, the VSG and SUBCK pulses can
operate in every field.
Other applications require that more frames are read, in which
case SUBCK must be masked until the readout is finished.
The SUBCKMASK_NUM register specifies the total number of
fields (exposure and read) to mask SUBCK. A 2-field CCD
frame read mode typically requires two additional fields of
SUBCK masking (SUBCKMASK_NUM = 2). A 3-field, 6-phase
CCD requires three additional fields of SUBCK masking after
the read begins (SUBCKMASK_NUM = 3).
Note that the SUBCKMASK_SKIP1 register setting allows
SUBCK pulses at the beginning of the field of exposure.
Table 21. SUBCK and Exposure/Read Register Parameters
Register
Length
Range
Description
SGMASK_NUM
13b
0 to 8191 fields
Exposure duration (number of fields to suppress VSG) for LS operation.
SUBCKMASK_NUM
13b
0 to 8191 fields
Exposure plus readout duration (number of fields to suppress SUBCK) for LS.
SUBCKMASK_SKIP1
1b
On/off
Suppress SG/SUBCK masks for one field (default = 0). Typically set to 1.
SUBCKSTARTLINE1
13b
0, 2 to 8191 line locations
Line location to start the SUBCK pulses, relative to SGLINE location.
A value of 1 is invalid. See the SUBCK Start Line section.
SUBCKNUM1
13b
1 to 8191 pulses
Total number of SUBCKs per field, at 1 pulse per line. Must be <VDLEN.
SG_SUPPRESS1
1b
On/off
Suppress the SG and allow SUBCK to finish at SUBCKNUM.
SUBCK_TOG1
13b
0 to 8191 pixel locations
SUBCK Toggle Position 1.
SUBCK_TOG2
13b
0 to 8191 pixel locations
SUBCK Toggle Position 2.
SUBCK_POL
1b
Low/high
SUBCK start polarity.
SUBCKHP_TOG1
13b
0 to 8191 pixel locations
High precision SUBCK Toggle Position 1. Selectable as SG or VD updated.
SUBCKHP_TOG2
13b
0 to 8191 pixel locations
High precision SUBCK Toggle Position 2. Selectable as SG or VD updated.
1 Register is not VD updated but is updated at the start of the line after the sensor gate line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com