Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX883MSA/PR- Datasheet(PDF) 14 Page - Maxim Integrated Products

No. de pieza MAX883MSA/PR-
Descripción Electrónicos  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883MSA/PR- Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX883MSA/PR- Datasheet HTML 9Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 10Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 11Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 12Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 13Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 14Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 15Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 16Page - Maxim Integrated Products MAX883MSA/PR- Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
14
______________________________________________________________________________________
Ordering Information (continued)
___________________Chip Topography
*Dice are tested at TJ = +25°C, DC parameters only.
**Contact factory for availability.
SET
OUT
IN
0.085"
(2.159mm)
0.080"
(2.032mm)
OUT
LBI
OFF (MAX883/4)
STBY (MAX882)
GND
LB0
NO DIRECT SUBSTRATE CONNECTION. THE N-SUB-
STRATE IS INTERNALLY SWITCHED BETWEEN THE
MORE POSITIVE OF IN OR OUT.
PART
TEMP RANGE
PIN-
PACKAGE
MAX883CPA
0°C to +70°C
8 PDIP
MAX883CSA
0°C to +70°C
8 SO
MAX883C/D
0°C to +70°C
Dice*
MAX883EPA
-40°C to +85°C
8 PDIP
MAX883ESA
-40°C to +85°C
8 SO
MAX883MSA/PR
-55°C to +125°C
8 SO**
MAX883MSA/PR-T
-55°C to +125°C
8 SO**
MAX884CPA
0°C to +70°C
8 PDIP
MAX884CSA
0°C to +70°C
8 SO
MAX884C/D
0°C to +70°C
Dice*
MAX884EPA
-40°C to +85°C
8 PDIP
MAX884ESA
-40°C to +85°C
8 SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com