Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TS68HC901CFN8 Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza TS68HC901CFN8
Descripción Electrónicos  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901CFN8 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS68HC901CFN8 Datasheet HTML 10Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 11Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 12Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 13Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 14Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 15Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 16Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 17Page - STMicroelectronics TS68HC901CFN8 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
NESTING CMFP INTERRUPTS
In a 68000 vectored interrupt system, the CMFP is
assigned to one of seven possible interrupt levels.
When an interrupt is received from the CMFP, an in-
terrupt acknowledge for that level is initiated. Once
an interrupt is recognized at a particular level, inter-
rupts at that same level or below are masked by
68000. As long as the processor’s interrupt mask is
unchanged, the 68000 interrupt structure will prohi-
bit the nesting of interrupts at the same interrupt le-
vel. However, additional interrupt requests from the
CMFP can be recognized before a previous chan-
nel’s interrupt service routine is completed by lowe-
ring the processor’s interrupt mask to the next lower
interrupt level within the interrupt handler.
When nesting CMFP interrupts, it may be desirable
to permit interrupts on any CMFP channel, regar-
dless of its priority, to preempt or delay interrupt pro-
cessing of an earlier channel’s interrupt service re-
quest. Or, it may be desirable to only allow sub-
sequent higher priority channel interrupt requests to
supersede previously recognized lower priority in-
terrupt requests. The CMFP interrupt structure pro-
vides this flexibility by offering two end-of-interrupt
options for vectored interrupt schemes. Note that
the end-of-interrupt modes are not active in a polled
interrupt scheme.
SELECTING THE END-OF-INTERRUPT MODE
In a vectored interrupt scheme, the CMFP may be
programmed to operate in either the automatic end-
of-interrupt mode or the software end-of-interrupt
mode. The mode is selected by writing the S bit of
the vector register (see figure 7). When the S bit is
programmed to a one, the CMFP is placed in the
software end-of-interrupt mode and when the S bit
is a zero, all channels operate in the automatic end-
of-interrupt mode.
AUTOMATIC END-OF-INTERRUPT
When an interrupt vector number is passed to the
processor during an interrupt acknowledge cycle,
the corresponding channel’s interrupt pending bit is
cleared. In the automatic end-of-interrupt mode, no
further history of the interrupt remains in the CMFP.
The in-service bits of the interrupt in-service regis-
ters (ISRA and ISRB) are forced low. Subsequent
interrupts which are received on any CMFP channel
will generate an interrupt request to the processor,
even if the current interrupt’s service routine has not
been completed.
SOFTWARE END-OF-INTERRUPT
In the software end-of-interrupt mode, the channel’s
associated interrupt pending bit is cleared and in ad-
dition, the channel’s in-service bit of in-service regis-
ter A or B is set when its vector number is passed
to the processor during an IACK cycle. A higher prio-
rity channel may subsequently request interrupt ser-
vice and be acknowledged, but as long as the chan-
nel’s in-service bit is set, no lower priority channel
may request interrupt service nor pass its vector du-
ring an interrupt acknowledge sequence.
While only higher priority channels may request in-
terrupt service, any channel can receive an interrupt
and set its interrupt pending bit. Even the channel
whose in-service bit is set can receive a second in-
terrupt. However, no interrupt service request is
made until its in-service bit is cleared.
The in-service bit for a particular channel can be
cleared by writing a zero to its corresponding bit in
ISRA or ISRB and ones to all other bit positions.
Since bits in the in-service registers can only be
cleared in software and not set, writing ones to the
register does not alter their contents. ISRA and
ISRB may be read at any time.
®
TS68HC901
14/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com