| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5702CECLQ Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5702CECLQ Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc |
|
53 / 98 page ![]() Electrical Characteristics MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 53 VOL CC Output low level MEDIUM configuration Push Pull, IOL = 2mA, VDD = 5.0V ± 10%, ipp_hve = 0 (recommended) 0.1VDD V Push Pull, IOL = 1mA, VDD = 5.0V ± 10%, ipp_hve = 1 3 0.1VDD Push Pull, IOL = 1mA, VDD = 3.3V ± 10%, ipp_hve = 1 (recommended) 0.5 Ttr CC4 Output transition time output pin5 MEDIUM configuration CL = 25pF, VDD = 5.0V ± 10%, ipp_hve = 0 10 ns CL = 50pF, VDD = 5.0V ± 10%, ipp_hve = 0 20 CL = 100pF, VDD = 5.0V ± 10%, ipp_hve = 0 40 CL = 25pF, VDD = 3.3V ± 10%, ipp_hve = 1 12 CL = 50pF, VDD = 3.3V ± 10%, ipp_hve = 1 25 CL = 100pF, VDD = 3.3V ± 10%, ipp_hve = 1 40 ΔI tr50 CC4 Current slew at CL = 50pF MEDIUM configuration recommended configuration at VDD = 5.0V ± 10%, ipp_hve = 0 VDD = 3.3V ± 10%, ipp_hve = 1 7mA/ns VDD = 5.0V ± 10%, ipp_hve = 1 16 1 V DD = 3.3V ± 10% / 5.0V ± 10%, TA = -40 to +105°C, unless otherwise specified 2 All values need to be confirmed during device validation. 3 This is a transient configuration during power-up. All pads but RESET and NEXUS output (MDOx, EVTO, MCK) are configured in input or in high impedance state. 4 Data based on characterization results, not tested in production 5 C L calculation should include device and package capacitance (CPKG < 5pF). Table 20. MEDIUM Configuration Output Buffer Electrical Characteristics (continued) Symbol Parameter Conditions1 Value2 Unit Min Typ Max |