Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CECLU Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CECLU
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CECLU Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5606CECLU Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5606CECLU Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Pinout and Signal Descriptions
Freescale Semiconductor
16
2.4.5
Nexus Pins
Table 4. System Pin Descriptions
System pin
Function
I/O
direction
Pad
type
RESET
configuration
Pin Number
144 LQFP 176 LQFP 208 MAPBGA
RESET
Bidirectional reset with
Schmitt-Trigger
characteristics and noise
filter.
I/O
M
Input, weak pull
up
24
24
J1
EXTAL
Analog output of the
oscillator amplifier circuit.
Input for the clock
generator in bypass
mode.
OX
—
29
29
K1
XTAL
Analog input of the
oscillator amplifier circuit.
Needs to be grounded if
oscillator bypass mode is
used.
IX
—
27
27
M1
EXTAL32
Analog input of the 32KHz
oscillator amplifier circuit.
O
—
56
72
—
XTAL32
Analog output of the 32
KHz oscillator amplifier
circuit. Input for the clock
generator in bypass
mode.
I
—
55
71
—
NMI
Non-Maskable Interrupt
I/O
Input, weak pull
up
37
45
L3
VRC_CTRL Voltage Regulator
external NPN Ballast
base control pin
—25
25
P1
Table 5. Nexus Pins
System pin
Function
Pin Number
144 LQFP
176 LQFP
208 MAPBGA
EVTI
Nexus Event In
—
37
T3
EVTO
Nexus Event Out
—
35
R3
MCKO
Nexus Msg Clock Out
—
33
T1
MDO[0]
Nexus Msg Data Out
—
38
T5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com