| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5602CEVLU Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602CEVLU Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 2 Table of Contents 1 Overview. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3 1.1 Device Comparison. . . . . . . . . . . . . . . . . . . . . . . . . . . . .3 1.2 MPC5606S Features. . . . . . . . . . . . . . . . . . . . . . . . . . . .5 1.3 MPC5606S Series Blocks . . . . . . . . . . . . . . . . . . . . . . . .6 1.3.1 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . .6 1.3.2 Block Summary . . . . . . . . . . . . . . . . . . . . . . . . . .7 2 Pinout and Signal Descriptions. . . . . . . . . . . . . . . . . . . . . . . . .9 2.1 144 LQFP Package Pinout . . . . . . . . . . . . . . . . . . . . . .10 2.2 176 LQFP Package Pinout . . . . . . . . . . . . . . . . . . . . . .11 2.3 208 MAPBGA Package Pinout . . . . . . . . . . . . . . . . . . .11 2.4 Signal Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 2.4.1 Pad Configuration during Reset Phases . . . . . .13 2.4.2 Voltage Supply Pins. . . . . . . . . . . . . . . . . . . . . .13 2.4.3 Pad Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15 2.4.4 System Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . .15 2.4.5 Nexus Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . .16 2.4.6 Functional Ports A, B, C, D, E, F, G, H, I, J, K . .18 2.4.7 Signal Details. . . . . . . . . . . . . . . . . . . . . . . . . . .36 3 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .39 3.1 Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . .39 3.1.1 Recommended Operating Conditions . . . . . . . .41 3.2 Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .44 3.2.1 General Notes for Specifications at Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .45 3.3 EMI (Electromagnetic Interference) Characteristics . . .47 3.4 Power Management . . . . . . . . . . . . . . . . . . . . . . . . . . .47 3.4.1 Voltage Regulator Electrical Characteristics . . .47 3.4.2 Voltage monitor electrical characteristics. . . . . .48 3.4.3 Low voltage domain power consumption. . . . . .49 3.5 DC Electrical Specifications . . . . . . . . . . . . . . . . . . . . .50 3.6 I/O Pad Electrical Characteristics . . . . . . . . . . . . . . . . .50 3.6.1 I/O Pad Types . . . . . . . . . . . . . . . . . . . . . . . . . .50 3.6.2 I/O Input DC Characteristics . . . . . . . . . . . . . . 50 3.6.3 I/O Output DC Characteristics . . . . . . . . . . . . . 51 3.6.4 I/O Pad Current Specification. . . . . . . . . . . . . . 55 3.7 RESET electrical characteristics . . . . . . . . . . . . . . . . . 57 3.8 Main Oscillator Electrical Characteristics . . . . . . . . . . 59 3.9 Low Power Oscillator Electrical Characteristics. . . . . . 61 3.10 FMPLL Electrical Characteristics. . . . . . . . . . . . . . . . . 62 3.11 Main RC Oscillator Electrical Characteristics . . . . . . . 63 3.12 Low Power RC Oscillator Electrical Characteristics . . 64 3.13 Flash Memory Electrical Characteristics . . . . . . . . . . . 64 3.14 Analog to Digital Converter (ADC) Electrical Characteristics 65 3.14.1 Input Impedance and ADC Accuracy . . . . . . . . 66 3.14.2 ADC Electrical Characteristics . . . . . . . . . . . . . 70 3.15 AC Specifications. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72 3.15.1 Pad AC Specifications . . . . . . . . . . . . . . . . . . . 72 3.16 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74 3.16.1 IEEE 1149.1 Interface Timing . . . . . . . . . . . . . 74 3.16.2 Nexus Debug Interface. . . . . . . . . . . . . . . . . . . 77 3.16.3 Interface to TFT LCD Panels . . . . . . . . . . . . . . 78 3.16.4 External Interrupt (IRQ) and Non-Maskable Interrupt (NMI) Timing . . . . . . . . . . . . . . . . . . . 81 3.16.5 Enhanced Modular I/O Subsystem (eMIOS) Timing 82 3.16.6 FlexCAN Timing . . . . . . . . . . . . . . . . . . . . . . . . 82 3.16.7 Deserial Serial Peripheral Interface (DSPI) . . . 83 3.16.8 I2C Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88 3.16.9 Mechanical Outline Drawings. . . . . . . . . . . . . . 89 3.17 144 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89 3.18 176 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93 4 Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |