| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5604CEVLU Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5604CEVLU Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc |
|
73 / 98 page ![]() Electrical Characteristics MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Freescale Semiconductor 73 3 Fast 1 -6 1-4- - 100 18 - 55 25 1 - 6 1.5 - 6 - - 80 18 - 55 50 1 - 6 3 -12- -40 18-55 100 1 - 6 5 -16- -25 18-55 200 4 Symmetric 1 - 5 1 - 4 - - 50 10 - 25 25 5 Pull Up/Down (5.5 V max) ----- 5000 ------ 50 1 Propagation delay from V DD/2 of internal signal to Pchannel/Nchannel on condition 2 Slope at rising/falling edge 3 Data based on characterization results, not tested in production Table 34. Pad AC specifications (3.3 V, IPP_HVE=0)1 1 Propagation delay from V DD/2 of internal signal to Pchannel/Nchannel on condition Num Pad Tswitchon1 (ns) Rise/Fall2 (ns) 2 Slope at rising/falling edge Frequency (MHz) Current slew3 (mA/ns) 3 Data based on characterization results, not tested in production Load drive (pF) Min Typ Max Min Typ Max Min Typ Max Min Typ Max 1 Slow 3 - 40 4 - 40 - - 4 0.01 - 2 25 3 - 40 6 - 50 - - 2 0.01 - 2 50 3 - 40 10 - 75 - - 2 0.01 - 2 100 3 - 40 14 - 100 - - 2 0.01 - 2 200 2 Medium 1 -15 2 - 12 - -40 2.5 - 7 25 1 - 15 4 - 25 - - 20 2.5 - 7 50 1 - 15 8 - 40 - - 13 2.5 - 7 100 1 - 15 14 - 70 - - 7 2.5 - 7 200 3 Fast 1 - 6 1 - 4 - -72 3 -40 25 1-6 1.5 - 7 - - 55 3- 40 50 1 - 6 3 - 12 - -40 3 -40 100 1 - 6 5 - 18 - -25 3 -40 200 4 Symmetric 1-6 2 - 6 - - 50 3- 25 25 5 Pull Up/Down (3.6 V max) --- -- 7500 --- --- 50 Table 33. Pad AC specifications (5.0 V, IPP_HVE=1)1 (continued) Num Pad Tswitchon1 (ns) Rise/Fall2 (ns) Frequency (MHz) Current slew3 (mA/ns) Load drive (pF) Min Typ Max Min Typ Max Min Typ Max Min Typ Max |