| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5602BEMLU Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602BEMLU Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 98 page ![]() MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 72 3.15 AC Specifications 3.15.1 Pad AC Specifications TUEP CC5 Total Unadjusted Error for precise channels, input only pins No overload -2 2 LSB overload conditions on adjacent channel LSB TUEX CC5 Total Unadjusted Error for extended channel, No overload -3 3 LSB overload conditions on adjacent channel LSB 1 V DDA = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified. 2 All values need to be confirmed during device validation. 3 Analog and digital V SS must be common (to be tied together externally). 4 V AINx may exceed VSSA and VDDA limits, remaining on absolute maximum ratings, but the results of the conversion will be clamped respectively to 0x000 or 0x3FF 5 Guaranteed by design 6 During the sample time the input capacitance C S can be charged/discharged by the external source. The internal resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the end of the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock tADC_S depend on programming. 7 This parameter does not include the sample time t ADC_S, but only the time for determining the digital result and the time to load the result’s register with the conversion result. Table 33. Pad AC specifications (5.0 V, IPP_HVE=1)1 Num Pad Tswitchon1 (ns) Rise/Fall2 (ns) Frequency (MHz) Current slew3 (mA/ns) Load drive (pF) Min Typ Max Min Typ Max Min Typ Max Min Typ Max 1 Slow 1.5 -30 6 -50- - 4 0.04 - 2 25 1.5 - 30 9 - 100 - - 2 0.04 - 2 50 1.5 - 30 12 - 125 - - 2 0.04 - 2 100 1.5 - 30 16 - 150 - - 2 0.04 - 2 200 2 Medium 1 - 15 3 - 10 - - 40 2.5 - 7 25 1 - 15 5 - 20 - - 20 2.5 - 7 50 1 - 15 9 - 40 - - 13 2.5 - 8 100 1 - 15 12 - 70 - - 7 2.5 - 8 200 Table 32. ADC Electrical Characteristics (continued) Symbol Parameter Conditions1 Value2 Unit Min Typ Max |