Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5602CEMMG Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MPC5602CEMMG
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602CEMMG Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5602CEMMG Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602CEMMG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
4
I2C
224
GPIO
105
105
105 / 132
Debug
Nexus 1
Nexus 1
Nexus 2+5
Package
144 LQFP
144 LQFP
144 LQFP6
176 LQFP
208 MAPBGA7
1 Configuration is software-programmable
2 IC-Input Capture, OC-Output Compare, OPWM-Output Pulse Width Modulation
3 Support for external multiplexer enabling up to 23 channels
4 QuadSPI serial Flash controller can be optionally used as a third DSPI
5 Nexus2+ available on 176 LQFP as alternate pin function and on 208 MAPBGA
6 Not all features are available simultaneously in 144 LQFP package option
7 The 208-pin package is not a production package; it is available in limited quantities for tool
development only.
Table 1. MPC5606S Family (continued)
Feature
MPC5602S
MPC5604S
MPC5606S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com