Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5702CECLQ Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de pieza PPC5702CECLQ
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5702CECLQ Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PPC5702CECLQ Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5702CECLQ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
Overview
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Overview
The following sections provide high-level descriptions of the features found on the MPC5606S.
1.1
Device Comparison
..
Table 1. MPC5606S Family
Feature
MPC5602S
MPC5604S
MPC5606S
CPU
e200z0h
Execution Speed
Static - 64 MHz
Flash (ECC)
256 KB
512 KB
1 MB
EEPROM Emulation Block
(ECC)
4 × 16 KB
RAM (ECC)
24 KB
48 KB
48 KB
Graphics RAM
No
No
160 KB
MPU
12 entry
eDMA
16 channels
Display Control Unit
No
No
Yes
Parallel Data Interface
No
No
Yes
Stepper Motor Controller
6 motors
Stepper Motor Stall Detect
Yes
Sound Generation
Yes
Yes
Using eMIOS
LCD Segment Driver
64 × 6
64 × 6
40 × 4, 38 × 61
32 kHz External Crystal
Oscillator
Yes
Real Time Counter and
Autonomous Periodic
Interrupt
Yes
Yes
Yes
Periodic Interrupt Timer
4 ch, 32-bit
System Watchdog Timer
Yes
System Timer Module
4 ch, 32-bit
Timed I/O2
8 ch, 16-bit IC/OC
16 ch, 16-bit OPWM/IC/OC
ADC3
16 channels, 10-bit
CAN (64 Mailboxes)
1 × FlexCAN
2 × FlexCAN
2 × FlexCAN
CAN Sampler
Yes
SCI
2 × LINFlex
SPI
2 × DSPI
2 × DSPI
34 × DSPI
QuadSPI Serial Flash
Interface
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com