Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PPC5606CECLQ Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

No. de pieza PPC5606CECLQ
Descripción Electrónicos  Microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5606CECLQ Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button PPC5606CECLQ Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 37Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC5606CECLQ Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
MPC560xS Microcontroller Data Sheet Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Pinout and Signal Descriptions
Freescale Semiconductor
38
SSD[0..5]_0
SSD[0..5]_1
SSD[0..5]_2
SSD[0..5]_3
SSD (Stepper Stall
Detect) Interface
Bidirectional SSD inputs and control signals
M[0:5]C0M
M[0:5]C0P
M[0:5]C1M
M[0:5]C1P
Stepper Motor
Control (SMC)
Interface
Controls stepper motors in Dual H bridge configuration.
CLKOUT
Clock generation
module (CGM)
Output clock. It can be selected from several internal clocks of the device
from the clock generation module.
MA[0:2]
ADC
These three control bits are output to enable the selection for an external
Analog Mux for expansion channels.
Table 7. Signal Details (continued)
Signal
Peripheral
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com